Part Number Hot Search : 
2SA2127 SK433 LL5230B V33ZT1 RL156 CT245 1N3287 SK433
Product Description
Full Text Search
 

To Download 100-001B1375L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 100-001
Tubular Metal Braid QQ-B-575B ASTM B33 Tin Coated Copper for Series 72 & 74 Tubing and Series 75 Conduit
100-001 A 203 L Product Series A = 36 AWG (Table I) B = 34 AWG (Table II) Dash No. (Table I or II) Lanyard (Omit for none) Dash No. 031 062 078 109 125 156 171 188 203 250 375 500 562 625 781 937 1000 1250 1375 1500 2000 2500 Dash No. 062 109 125 171 203 375 437 500 781 Fractional Equivalent 1/32 1/16 5/64 7/64 1/8 5/32 11/64 3/16 13/64 1/4 3/8 1/2 9/16 5/8 25/32 15/16 1 1 1/4 1 3/8 1 1/2 2 2 1/2 Fractional Equivalent 1/16 7/64 1/8 11/64 13/64 3/8 7/16 1/2 25/32 Nominal I.D. .031 (.8) .062 (1.6) .078 (2.0) .109 (2.8) .125 (3.2) .156 (4.0) .171 (4.3) .188 (4.8) .203 (5.2) .250 (6.4) .375 (9.5) .500 (12.7) .562 (14.3) .625 (15.9) .781 (19.8) .937 (23.8) 1.000 (25.4) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) 2.000 (50.8) 2.500 (63.5) Nominal I.D. .062 (1.6) .109 (2.8) .125 (3.2) .171 (4.3) .203 (5.2) .375 (9.5) .437 (11.1) .500 (12.7) .781 (19.8) Lanyard (Synthetic Fiber) Minimum Order Length is 100 Feet (30.5M) Lbs./100 Ft. (Kg/30.5M) .20 (.09) .40 (.18) .60 (.27) .83 (.38) 1.03 (.47) 2.09 (.95) 1.43 (.65) 1.63 (.74) 2.80 (1.27) 3.45 (1.56) 3.95 (1.79) 4.77 (2.16) 5.00 (2.27) 5.94 (2.69) 7.35 (3.33) 5.83 (2.64) 7.50 (3.40) Federal Specification No. QQB575R36T031 QQB575R36T062 QQB575R36T078 QQB575R36T109 QQB575R36T125 QQB575R36T156 QQB575R36T171 -QQB575R36T203 QQB575R36T250 QQB575R36T375 QQB575R36T500 --QQB575R36T781 --I.D.
Braiding
(c) 2003 Glenair, Inc.
TABLE I (36 AWG) No. of No. of Current Carriers Ends Rating Amps 24 7.0 24 24 11.0 48 24 16.0 72 24 19.0 96 24 25.0 120 24 40.0 240 24 32.0 168 24 33.0 192 24 46.0 312 24 53.0 384 48 53.0 384 48 62.0 528 48 73.0 624 48 85.0 720 48 88.0 864 64 65.0 640 64 90.0 768 72 792 72 864 72 936 96 1152 96 1248 TABLE II (34 AWG) No. of No. of Current Carriers Ends Rating Amps 16 32 11.0 16 64 19.0 24 72 19.0 24 120 36.0 24 192 46.0 48 240 53.0 48 288 44.2 48 336 62.0 48 528 88.0
Lbs./100 Ft. (Kg/30.5M) .43 (.20) .82 (.37) .92 (.42) 1.56 (.71) 2.79 (1.27) 3.27 (1.48) 3.93 (1.78) 4.77 (2.16) 7.14 (3.24)
Federal Specification No. QQB575R34T062 QQB575R34T109 QQB575R34T125 QQB575R34T171 QQB575R34T203 QQB575R34T375 -QQB575R34T500 QQB575R34T781
1. Consult factory for sizes not shown 2. Metric dimensions (mm) are indicated in parentheses. 3. Direct current ratings are given for information only. Values shown are for uninsulated braid in free air at 86F (30C). Actual values will depend on permissible temperature rise, voltage drop and other conditions of service. Values should be de-rated if the braid is insulated or in close contact with other components.
CAGE Codes 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com H-2


▲Up To Search▲   

 
Price & Availability of 100-001B1375L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X